Part Number Hot Search : 
ADC100 83905 W47K25V5 L6372 B270011 TVS324SM 0000MH GFC914
Product Description
Full Text Search
 

To Download SDR0703-6R8ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % ref. frequency min. ( ? ) max. typ. (mhz) (mhz) (a) (a) sdr0703-1r0ml 1.0 20 25 7.96 160.0 0.042 2.20 3.20 sdr0703-1r2ml 1.2 20 25 7.96 145.0 0.047 2.00 3.00 sdr0703-1r8ml 1.8 20 25 7.96 105.0 0.052 1.90 2.70 sdr0703-2r2ml 2.2 20 24 7.96 95.0 0.060 1.80 2.60 sdr0703-2r7ml 2.7 20 23 7.96 80.0 0.065 1.70 2.50 sdr0703-3r3ml 3.3 20 23 7.96 65.0 0.075 1.65 2.35 sdr0703-3r9ml 3.9 20 22 7.96 70.0 0.080 1.58 2.25 sdr0703-4r7ml 4.7 20 20 7.96 60.0 0.100 1.50 2.10 sdr0703-5r6ml 5.6 20 20 7.96 56.0 0.105 1.40 2.00 SDR0703-6R8ML 6.8 20 20 7.96 45.0 0.115 1.30 1.90 sdr0703-8r2ml 8.2 20 20 7.96 40.0 0.150 1.10 1.50 sdr0703-100kl 10 10 23 2.52 36.0 0.170 1.00 1.40 sdr0703-120kl 12 10 20 2.52 36.0 0.180 0.90 1.30 sdr0703-150kl 15 10 23 2.52 30.0 0.240 0.75 1.12 sdr0703-180kl 18 10 20 2.52 30.0 0.280 0.70 1.05 sdr0703-220kl 22 10 20 2.52 26.0 0.300 0.65 0.95 sdr0703-270kl 27 10 20 2.52 20.0 0.400 0.60 0.88 sdr0703-330kl 33 10 17 2.52 20.0 0.450 0.56 0.82 sdr0703-390kl 39 10 18 2.52 18.0 0.550 0.50 0.73 sdr0703-470kl 47 10 20 2.52 15.0 0.720 0.40 0.64 sdr0703-560kl 56 10 20 2.52 13.0 0.800 0.39 0.60 sdr0703-680kl 68 10 18 2.52 13.0 0.900 0.38 0.56 sdr0703-820kl 82 10 18 2.52 12.0 1.18 0.33 0.47 sdr0703-101kl 100 10 33 0.796 11.0 1.56 0.27 0.40 sdr0703-121kl 120 10 32 0.796 10.0 1.75 0.26 0.37 sdr0703-151kl 150 10 30 0.796 9.0 2.00 0.25 0.34 sdr0703-181kl 180 10 33 0.796 7.0 2.70 0.19 0.30 sdr0703-221kl 220 10 31 0.796 7.0 3.00 0.18 0.28 sdr0703-271kl 270 10 30 0.796 7.0 3.60 0.17 0.22 sdr0703-331kl 330 10 33 0.796 6.0 4.80 0.16 0.19 sdr0703-391kl 390 10 36 0.796 5.5 6.20 0.14 0.18 sdr0703-471kl 470 10 33 0.796 5.0 7.00 0.13 0.16 sdr0703-561kl 560 10 36 0.796 4.2 9.20 0.11 0.15 sdr0703-681kl 680 10 32 0.796 4.0 10.50 0.10 0.15 sdr0703-821kl 820 10 32 0.796 3.6 12.00 0.09 0.14 sdr0703-102kl 1000 10 30 0.252 3.2 14.20 0.08 0.13 sdr0703 series - smd power inductors features available in e12 series low height of only 2.7 mm high isat of 3.2 amps rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions 6.5 0.3 (.256 .012) 4.9 (.193) ref. ref. 2.7 0.2 (.106 .008) 2.4 (.094) 4.5 0.2 (.177 .008) ref. ref. ref. ref. ref. 4.0 (.157) 1.5 (.059) 1.5 (.059) 7.0 (.276) 3.2 (.126) general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core ..............................................ferrite wire ................enameled copper 130 ? base..................................................lcp adhesive ....................................6020h-6 terminal .........................................cu/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ..................20 ? max. at rated irms packaging ....................500 pcs. per reel electrical schematic dimensions: mm (inches) recommended layout *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr0703 series - smd power inductors rev. 05/05 packaging specifications 14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. 100 100 100 100 100 8.0 (.315) 4.0 (.157) qty: 500 pcs. per reel dimensions: mm (inches) typical part marking start 100


▲Up To Search▲   

 
Price & Availability of SDR0703-6R8ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X